aluminum electrolytic capacitors kw series standard, for audio equipment radial lead type type numbering system (example : 10v 1000 f) specifications category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tangent of loss angle (tan ) stability at low temperature endurance shelf life marking performance characteristics item 40 to +85 c 6.3 to 100v 0.1 to 33000f 20% at 120hz, 20 c after 1 minute's application of rated voltage, leakage current is not more than 0.03 cv or 4 (a) , whichever is greater. after 2 minutes' application of rated voltage, leakage current is not more than 0.01 cv or 3 (a) , whichever is greater. printed with gold color letter on black sleeve. for capacitance of more than 1000 f, add 0.02 for every increase of 1000 f. measurement frequency : 120hz at 20 c measurement frequency : 120hz capacitance change leakage current the specifications listed at right shall be met when the capacitors are restored to 20 c after the rated voltage is applied for 2000 hours at 85 c. after sroring the capacitors under no load at 85 c for 1000 hours and then performing voltage treatment based on jis c 5101-4 clause 4.1 at 20 c, they shall meet the specified values for the endurance characteristics listed above. tan within 20% of the initial capacitance value 200% or less than the initial specified value less than or equal to the initial specified value rated voltage (v) tan (max.) 6.3 0.28 10 0.24 16 0.20 25 0.16 35 0.14 50 0.12 63 0.10 100 0.08 z 25 c / z+20 c z 40 c / z+20 c rated voltage (v) impedance ratio zt / z20 (max.) 6.3 5 12 10 4 10 16 3 8 25 2 5 35 2 4 50 2 3 63 2 3 100 2 3 kw (d < 20) 1.5 (d 20) 2.0 d p 5 0.5 2.0 6.3 0.5 2.5 8 0.5 3.5 10 0.5 5.0 12.5 0.5 5.0 16 0.5 7.5 18 0.5 7.5 d 0.5 0.5 0.6 0.6 0.6 0.8 0.8 20 0.5 10 1.0 22 1.0 10 1.0 25 1.0 12.5 1.0 (mm) pressure relief vent p 0.5 l + max. 15 min 4 min sleeve (p.e.t.) d ( 6.3up) d + max. u 1 k 2 w 3 1 4 a 5 1 6 0 7 2 8 m 9 p 10 d 11 configuration capacitance tolerance ( 20%) rated capacitance (1000f) rated voltage (10v) series name type d 5 pb-free leadwire pb-free pet sleeve dd ed 6.3 8 10 pd 12.5 to 18 hd 20 to 25 rd realization of a harmonious balance of sound quality, made possible by the development of new electrolyte. most suited for av equipment like dvd, md. compliant to the rohs directive (2002/95/ec). fw high sound quality frequency coefficient of rated ripple current frequency cap.(f) 0.1 to 47 100 to 470 1000 to 33000 50hz 0.75 0.80 0.85 120hz 1.00 1.00 1.00 300hz 1.35 1.23 1.10 1khz 1.57 1.34 1.13 10khz or more 2.00 1.50 1.15 please refer to page 20, 21, 22 about the formed or taped product spec. please refer to page 4 for the minimum order quantity. dimensions 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 2200 3300 4700 6800 10000 15000 22000 33000 0r1 r22 r33 r47 010 2r2 3r3 4r7 100 220 330 470 101 221 331 471 102 222 332 472 682 103 153 223 333 6.3 11 6.3 11 8 11.5 10 20 10 20 12.5 20 12.5 25 16 25 16 35.5 18 40 22 50 265 310 530 980 1170 1350 1600 2000 2550 3200 3900 v 5 11 6.3 11 6.3 11 6.3 11 10 12.5 10 20 12.5 20 12.5 25 16 25 16 35.5 18 35.5 20 40 22 50 145 230 270 330 630 1050 1420 1800 2150 2500 2720 3700 4500 5 11 6.3 11 8 11.5 8 11.5 10 16 12.5 20 12.5 25 16 25 16 35.5 18 35.5 20 40 22 50 25 50 155 250 360 420 770 1250 1700 2100 2500 2640 3400 4200 4800 5 11 6.3 11 8 11.5 10 12.5 10 12.5 10 20 12.5 25 16 25 16 31.5 18 35.5 20 40 22 50 25 50 115 185 320 420 530 950 1550 1950 2360 2590 3000 3800 4500 5 11 5 11 6.3 11 10 12.5 10 12.5 10 16 12.5 20 16 25 16 35.5 18 35.5 20 40 22 50 25 50 105 120 200 370 470 630 1100 1800 2220 2490 3000 3700 4300 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 6.3 11 8 11.5 10 12.5 10 16 12.5 20 12.5 25 16 35.5 18 35.5 20 40 22 50 25 50 1.1 2.4 3.5 5.0 10 23 35 40 65 95 120 150 250 410 570 760 1300 2090 2360 2900 3500 4000 5 11 5 11 6.3 11 6.3 11 10 12.5 10 16 10 20 12.5 20 16 25 18 35.5 20 40 22 50 25 50 70 100 140 165 300 470 650 880 1300 2200 2700 3400 3500 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 6.3 11 6.3 11 8 11.5 10 12.5 10 20 12.5 25 12.5 25 16 25 18 40 22 50 25 50 2.1 4.7 7.0 10 21 30 40 45 75 120 160 210 350 600 750 1000 1370 2400 2900 100 63 50 35 25 16 10 6.3 2a 1j 1h 1v 1e 1c 1a 0j code cap. (f) rated ripple current (marms) at 85 c 120hz rated ripple case size d l (mm) please refer to page 20 about the end seal configulation. cat.8100b
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: nichicon: ? ukw0j102mpd? ukw0j103mhd? UKW0J153MHD? ukw0j222mpd? ukw0j223mhd? ukw0j331med? ukw0j332mpd? ukw0j333mrd? ukw0j471med? ukw0j472mhd? ukw0j682mhd? ukw1a101mdd? ukw1a102mpd? ukw1a103mhd? ukw1a153mhd? ukw1a221med? ukw1a222mpd? ukw1a223mrd? ukw1a331med? ukw1a332mhd? ukw1a333mrd? ukw1a471med? ukw1a472mhd? ukw1a682mhd? ukw1c101mdd? ukw1c102mpd? ukw1c103mhd? ukw1c153mrd? ukw1c221med? ukw1c222mhd? ukw1c223mrd? ukw1c331mpd? ukw1c332mhd? ukw1c333mrd? ukw1c471mpd? ukw1c472mhd? ukw1c682mhd? ukw1e101med? ukw1e102mpd? ukw1e103mrd? ukw1e153mrd? ukw1e221mpd? ukw1e222mhd? ukw1e223mrd? ukw1e331mpd? ukw1e332mhd? ukw1e470mdd? ukw1e471mpd? ukw1e472mhd? ukw1e682mhd? ukw1h010mdd? ukw1h0r1mdd? ukw1h100mdd? ukw1h101mpd? ukw1h102mhd? ukw1h103mrd? ukw1h220mdd? ukw1h221mpd? ukw1h222mhd? ukw1h2r2mdd? ukw1h330mdd? ukw1h331mpd? ukw1h332mhd? ukw1h3r3mdd? ukw1h470med? ukw1h471mhd? ukw1h472mrd? ukw1h4r7mdd? ukw1h682mrd? ukw1hr22mdd? ukw1hr33mdd? ukw1hr47mdd? ukw1j100mdd? ukw1j101mpd? ukw1j102mhd? ukw1j220mdd? ukw1j221mpd? ukw1j222mhd? ukw1j330med? ukw1j331mpd? ukw1j332mrd? ukw1j470med? ukw1j471mhd? ukw1j472mrd? ukw1j682mrd? ukw1v101med? ukw1v102mhd? ukw1v103mrd? ukw1v153mrd? ukw1v221mpd? ukw1v222mhd? ukw1v331mpd? ukw1v332mhd? ukw1v470mdd? ukw1v471mpd? ukw1v472mhd? ukw1v682mrd? ukw2a010mdd? ukw2a0r1mdd? ukw2a100med
|